ATS-04H-52-C1-R0
AI

The **ATS-04H-52-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 10.74°C/W (at 100 LFM) |
| **Flow Orientation** | Vertical Fin (Cross-Cut) |
| **Spring/Hardware** | Brass / Stainless Steel |
---
### 2. Key Design Features
#### A. pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the **ATS-04H-52-C1-R0** uses a "pushPIN" mechanism.
* **Precision:** It ensures a specific, consistent pressure on the electronic chip, which optimizes the thermal interface.
* **Security:** It prevents the heat sink from shifting or falling off during vibration or shipping.
#### B. Cross-Cut Fin Design
The fin structure is designed for high airflow efficiency.
* The square-cut fins increase the surface area for heat radiation.
* The design allows for airflow from multiple directions, making it versatile for different PCB layouts.
#### C. Thermal Performance
Thermal resistance (measured in °C/W) indicates how effectively the part moves heat away from the silicon.
* **Low Flow (100 LFM):** 10.74°C/W
* **High Flow (500 LFM):** ~2.31°C/W
* As airflow increases, the efficiency of this part improves drastically.
---
### 3. Application Use-Case
This part is typically found in:
1. **Industrial PCs:** Cooling embedded processors.
2. **Networking Equipment:** Used on ASICs within routers or switches.
3. **Power Supplies:** To cool MOSFETs or voltage regulators.
---
- ⤷
What are the mounting hole requirements for the pushPIN system on this heat sink?
- ⤷ How does the blue anodized finish affect thermal performance compared to raw aluminum?
- ⤷ What is the recommended thermal interface material (TIM) to use with the ATS-04H-52-C1-R0?