ATS-04H-55-C3-R0
AI

The **ATS-04H-55-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal properties.
| Specification | Details |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Thermal Resistance** | 24.11°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Key Features
* **pushPIN™ Attachment:** Uses a spring-loaded push-pin mechanism. This ensures consistent pressure across the interface, which is critical for efficient heat transfer.
* **Cross-Cut Fin Design:** The "straight fin" or cross-cut geometry allows for airflow from multiple directions, making it versatile for different PCB layouts.
* **Blue Anodized Coating:** The surface treatment improves surface emissivity (radiation heat transfer) and provides corrosion resistance.
* **Pre-applied TIM:** It comes with T412 thermal grease already applied to the base, reducing assembly time and ensuring a reliable thermal bond.
---
### 3. Thermal Performance (Estimated)
Performance varies based on the Air Velocity (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 24.11 |
| 300 (1.5 m/s) | 7.15 |
| 500 (2.5 m/s) | 4.43 |
---
### 4. Applications
This specific heat sink is typically used in space-constrained environments:
1. **Network Switches:** Cooling ASICs or processors.
2. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
3. **Embedded Systems:** Industrial PCs where vertical clearance is limited (10mm height).
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ Can the T412 thermal interface material be replaced with a different compound?
- ⤷ How does the 'C3' code in the part number relate to the material or finish?