ATS-04H-56-C3-R0
AI

The **ATS-04H-56-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic integrated circuits (ICs) such as CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 6.69°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Compliance** | RoHS Compliant |
---
### 2. Detailed Component Breakdown
#### A. The Heat Sink Body
The body is made of **Aluminum 6063**, chosen for its excellent thermal conductivity and lightweight properties. The "Blue Anodized" finish is not just for aesthetics; the anodization layer provides:
* Increased surface emissivity (better radiation cooling).
* Corrosion resistance.
* Electrical insulation to prevent short circuits if it accidentally touches a lead.
#### B. The Attachment System (Push-Pins)
The "04H" in the part number signifies the specific push-pin and spring assembly.
* **Mechanism:** Uses a brass push-pin with a pre-assembled compression spring.
* **Purpose:** The spring ensures constant, even pressure on the component (TIM), which is critical for maximizing heat transfer efficiency.
* **Hole Pattern:** Designed for specific PCB hole spacings (usually 33mm in this series).
#### C. Thermal Interface Material (TIM)
The "R0" suffix indicates that the unit comes with a **pre-applied Phase Change Material (PCM)** or thermal tape.
* This eliminates the need for manual application of thermal paste.
* It fills microscopic air gaps between the heat sink base and the chip surface.
---
### 3. Performance Data (Airflow vs. Thermal Resistance)
Thermal performance is measured in °C/W (degrees Celsius per Watt). A lower number indicates better cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 6.69 |
| 400 (2.0 m/s) | 3.25 |
| 600 (3.0 m/s) | 2.50 |
| 800 (4.0 m/s) | 2.10 |
---
### 4. Application Use-Cases
This specific size (40x40mm) is commonly used in:
* **Telecommunications:** Network switches and routers.
* **Industrial PC:** Embedded controllers and single-board computers.
* **Power Supplies:** Cooling MOSFETs or power ICs.
---
- ⤷
How do I calculate the required hole diameter on a PCB for the brass push-pins?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ Can the pre-applied thermal material be replaced with aftermarket thermal paste?