ATS-04H-64-C1-R0
AI

The **ATS-04H-64-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, FPGAs, and power modules.
---
### ## Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-04H-64-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimension (Length x Width)** | 40mm x 40mm |
| **Height (Profile)** | 25mm |
| **Fin Type** | Fine-Pitch (Straight) |
| **Thermal Resistance** | 9.37°C/W (at 1.0 m/s airflow) |
---
### ## Key Electronic Components & Design Features
#### 1. PushPIN™ Attachment System
Unlike traditional adhesive-based heat sinks, the "R0" series uses a **pushPIN™** system.
* **Spring-loaded mechanism:** Provides consistent pressure (Pre-assembled with a compression spring).
* **Attachment:** Uses plastic or brass pins that lock into pre-drilled holes on the PCB.
* **Reliability:** Ensures maximum thermal interface material (TIM) contact and prevents the heat sink from shifting during vibration or shipping.
#### 2. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization process increases **surface emissivity**, allowing for better heat radiation and providing corrosion resistance.
#### 3. Thermal Interface Material (TIM)
The "C1" designation typically refers to the pre-applied thermal interface.
* **Function:** It fills the microscopic air gaps between the heat-generating component (e.g., a chip) and the flat bottom of the heat sink.
* **Efficiency:** This reduces contact resistance, allowing heat to flow more freely into the aluminum fins.
---
### ## Performance Overview
The efficiency of this part is highly dependent on **Airflow (LFM - Linear Feet per Minute)**.
| Air Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 (Unducted) | 9.37 |
| 2.0 (Unducted) | 3.30 |
| 3.0 (Unducted) | 2.42 |
*Note: As airflow increases, the thermal resistance drops significantly, making it ideal for forced-convection environments (systems with fans).*
---
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How does the 'C1' thermal interface material compare to other ATS options?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?