ATS-04H-67-C1-R0
AI

The **ATS-04H-67-C1-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other high-heat-density integrated circuits.
---
### 1. Technical Specifications
The following table details the physical and thermal properties of the unit:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 12.28°C/W (at 100 LFM) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Fin Style** | Straight (Cross-Cut) |
| **Thermal Interface Material** | T766 (High Performance) |
---
### 2. Key Components & Features
#### A. The Heat Sink Body
The body is made of **extruded aluminum**. Aluminum is chosen for its excellent balance between thermal conductivity and weight. The "67" series features a low-profile height (10mm), making it ideal for compact electronic enclosures where vertical space is limited.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, this model uses a mechanical mounting system:
* **Brass Push-Pins:** These provide consistent pressure to ensure optimal contact between the heat sink and the component.
* **Compression Springs:** These maintain the necessary force to prevent air gaps during thermal expansion and vibration.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a phase-change or high-performance thermal pad that fills microscopic air gaps between the chip and the aluminum base, significantly reducing thermal resistance.
---
### 3. Thermal Performance Comparison
The performance of the ATS-04H-67-C1-R0 is highly dependent on airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 12.28 |
| 300 | 1.5 | 2.50 |
| 500 | 2.5 | 1.60 |
---
### 4. Application Context
This part is typically used in the following electronic systems:
* **Networking Gear:** Cooling ASICs in switches and routers.
* **Embedded Systems:** Industrial PCs where mechanical stability is required.
* **Power Electronics:** Dissipating heat from high-speed FPGA or memory controllers.
- ⤷
What are the PCB hole requirements for mounting the brass push-pins?
- ⤷ How does the blue anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can the pre-applied T766 thermal material be replaced with standard thermal paste?