ATS-04H-82-C3-R0
AI

The **ATS-04H-82-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series designed for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Fin Type** | Straight Fin (High density) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions** | 30.00mm x 30.00mm |
| **Height** | 25.00mm |
| **Thermal Resistance** | ~10.97 °C/W (at 100 LFM) |
| **Finish** | Blue Anodized |
| **TIM (Thermal Interface Material)** | T412 (High performance) |
---
### 2. Key Components & Design
The effectiveness of this part relies on several mechanical and material choices:
* **Push-Pin Attachment:** Instead of messy adhesives, it uses plastic or brass push-pins and a compression spring. This ensures a precise, consistent pressure against the electronic component for optimal heat transfer.
* **High-Density Fin Array:** The "Straight Fin" design is optimized for high-velocity airflow environments (active cooling), maximizing the surface area available to dissipate heat into the air.
* **Blue Anodized Finish:** This is not just for aesthetics; anodizing provides increased corrosion resistance and slightly improves the emissivity of the aluminum surface.
* **Pre-Applied TIM:** The base comes with **T412** thermal interface material, which fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance.
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic sectors:
1. **Telecommunications:** Cooling line cards and routers.
2. **Industrial PCs:** Cooling embedded processors in high-temperature environments.
3. **Power Supplies:** Managing heat for MOSFETs or high-speed switching transistors.
---
### 4. Comparison: Active vs. Passive Cooling
| Feature | ATS-04H-82-C3-R0 Performance |
| :--- | :--- |
| **Low Airflow (Passive)** | Higher resistance; less effective for high-wattage chips. |
| **High Airflow (Active)** | Thermal resistance drops significantly (down to ~2.11 °C/W at 600 LFM). |
- ⤷
What are the different types of push-pin materials available for this heat sink?
- ⤷ How do I calculate if the 10.97 \u00b0C/W resistance is sufficient for my chip's TDP?
- ⤷ Does this model support custom hole patterns for non-standard PCBs?