ATS-04H-83-C1-R0
AI

The **ATS-04H-83-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic surface-mount devices like BGA, FPGA, or CPU packages.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal characteristics of this specific part number:
| Specification | Details |
| :--- | :--- |
| **Product Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic Pins & Springs) |
| **Dimensions (L x W x H)** | 30.00 mm x 30.00 mm x 20.00 mm |
| **Thermal Resistance (Flowing)** | 1.58 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 4.99 °C/W |
| **Fin Pitch** | Fine Pitch |
| **Fin Pattern** | Straight |
---
### 2. Component Features
#### A. Attachment Mechanism: pushPIN™
This part uses a proprietary **pushPIN™** system. Instead of using messy adhesives or thermal tape, it uses plastic pins and stainless steel springs to apply consistent pressure to the processor. This ensures:
* Optimal contact with the thermal interface material (TIM).
* Quick assembly and disassembly.
* Secure mounting during vibration or shipping.
#### B. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized coating increases surface emissivity and provides corrosion resistance.
#### C. Thermal Performance
The "Straight Fin" design is optimized for **forced air cooling** (environments with fans). The thermal resistance drops significantly as airflow increases, as shown below:
```text
Airflow Velocity | Thermal Resistance
--------------------------------------
100 LFM (0.5 m/s) | 4.99 °C/W
200 LFM (1.0 m/s) | 2.80 °C/W
500 LFM (2.5 m/s) | 1.75 °C/W
```
---
### 3. Application Use Cases
This heat sink is typically found in:
* **Networking Hardware:** Routers and switches.
* **Industrial Computing:** Embedded PC boards.
* **Power Electronics:** Transistor modules and voltage regulators.
* **Consumer Electronics:** High-end audio/video processing units.
- ⤷
What is the hole pattern required on the PCB for the pushPIN mounting?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ Are there copper versions of this heat sink for higher heat dissipation?