ATS-04H-84-C1-R0
AI

The **ATS-04H-84-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is designed for cooling electronic components such as CPUs, GPUs, FPGAs, and power modules.
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimension (L x W x H)** | 30.00mm x 30.00mm x 25.00mm |
| **Thermal Resistance** | 6.96°C/W @ 100 LFM (Airflow) |
| **Attachment Method** | pushPIN™ |
| **Fin Type** | Straight Fin |
| **Thermal Interface Material (TIM)** | No TIM (Pre-applied optional) |
---
### 2. Design Features
* **High Aspect Ratio Fins:** The straight-fin design provides a large surface area for heat dissipation while maintaining a compact footprint, making it suitable for high-density PCB layouts.
* **pushPIN™ Attachment:** This model utilizes the ATS pushPIN™ mounting system. It features a flexible, tool-free mechanism with a variety of spring-loaded options to ensure precise pressure and secure attachment to the PCB.
* **Airflow Efficiency:** The fin spacing is optimized for forced air convection, allowing for efficient heat transfer even at lower air velocities.
### 3. Thermal Performance (Estimated)
The efficiency of the heat sink depends on the airflow speed (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.96 |
| 200 (1.0 m/s) | 3.42 |
| 300 (1.5 m/s) | 2.62 |
| 400 (2.0 m/s) | 2.21 |
---
### 4. Typical Applications
* **Computing:** Cooling of secondary processors or high-speed memory controllers.
* **Telecommunications:** Network switches and routers where vertical space is available.
* **Industrial Electronics:** Embedded systems and motor controllers requiring robust vibration-resistant mounting.
- ⤷
What are the specific spring and pin options available for the pushPIN system?
- ⤷ How does the blue anodized finish affect the thermal emissivity of the part?
- ⤷ Can this heat sink be customized with pre-applied phase change materials?