ATS-04H-85-C1-R0
AI

The **ATS-04H-85-C1-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **push-pin** attachment series, specifically designed for cooling electronic components such as CPUs, GPUs, and high-power integrated circuits.
---
### 1. Technical Specifications
The table below summarizes the physical and thermal properties of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Fin Type** | Straight Fin (Extrusion) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Thermal Resistance** | 23.94°C/W (at 100 LFM) |
| **Flow Orientation** | Vertical/Horizontal (Directional) |
---
### 2. Key Components & Design Features
#### A. Fin Profile (Straight Fin)
The "85" series features a straight-fin design. This is optimized for systems with a clear path for airflow. The low profile (10mm) makes it ideal for 1U servers or space-constrained embedded systems.
#### B. Push-Pin Attachment
Instead of using adhesive tape or epoxy, this part uses a mechanical **push-pin and brass spring** mechanism.
* **Reliability:** Provides consistent pressure (preload) on the component, improving thermal interface material (TIM) performance.
* **Ease of Maintenance:** Can be removed and reinstalled without damaging the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a pre-applied high-performance **T766 phase-change material** or equivalent thermal pad on the base, ensuring immediate heat transfer upon installation.
---
### 3. Thermal Performance Analysis
Thermal resistance ($\theta$) indicates how many degrees Celsius the component will rise per Watt of power dissipated.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Low) | 23.94 |
| 300 (Medium) | 10.19 |
| 500 (High) | 7.70 |
---
### 4. Typical Applications
* **Networking:** Switches, routers, and high-speed modems.
* **Processing:** Field Programmable Gate Arrays (FPGAs) and DSPs.
* **Power Electronics:** Voltage regulators and MOSFET modules that require active or passive cooling.
- ⤷What is the hole pattern requirement for the PCB to mount this heat sink?
- ⤷ How does the blue anodized finish affect thermal radiation?
- ⤷ Are there taller versions of this heat sink for higher heat dissipation?