ATS-04H-87-C1-R0
AI

The **ATS-04H-87-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic integrated circuits (ICs) such as CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 20.0mm |
| **Thermal Resistance** | ~13.12 °C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. Fin Geometry
* **Design:** This part features a **straight-fin** design.
* **Purpose:** Straight fins are optimized for high-performance cooling in environments where there is a consistent directional airflow (ducted or unducted).
#### B. Attachment System (Push-Pin)
* **Mechanism:** It uses a brass or plastic push-pin with a compressed spring.
* **Electronic Safety:** The spring-loaded mechanism ensures even pressure across the electronic component, preventing mechanical stress that could crack a silicon die or damage solder balls (BGA).
#### C. Thermal Interface Material (TIM)
* **Material:** It comes with **T766** pre-applied.
* **Function:** This is a phase-change or high-conductivity pad that fills microscopic air gaps between the heat sink and the electronic chip, significantly lowering thermal impedance.
---
### 3. Application Use Cases
This heat sink is typically found in the following electronic systems:
1. **Networking Hardware:** Switches, routers, and high-speed gateways.
2. **Industrial PCs:** Small form-factor motherboards requiring passive or semi-passive cooling.
3. **Power Electronics:** Voltage regulators or high-power LED drivers that require stable temperature regulation.
---
### 4. Thermal Performance Comparison
Below is an estimate of thermal resistance based on airflow velocity:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 13.12 |
| 400 (2.0 m/s) | 6.75 |
| 600 (3.0 m/s) | 4.90 |
- ⤷
What are the PCB hole requirements for mounting the ATS-04H-87-C1-R0 push-pins?
- ⤷ How does blue anodization affect the electronic performance of a heat sink?
- ⤷ Is the T766 thermal interface material electrically conductive?