ATS-04H-91-C1-R0
AI

The **ATS-04H-91-C1-R0** is a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed specifically for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal properties of the device:
| Property | Description |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic Pegs with Springs) |
| **Fin Type** | Fine Pitch (Straight Fins) |
| **Thermal Resistance** | 21.86 °C/W (at 100 LFM) to 1.73 °C/W (at 700 LFM) |
| **Dimensions** | 40mm x 40mm x 10mm |
---
### 2. Physical Design Components
* **The Heat Sink Body:** Constructed from high-quality aluminum for excellent thermal conductivity. The "91" in the part number indicates the specific fin geometry and height (10mm).
* **The Interface Material (TIM):** This part usually comes with pre-applied **T766** thermal interface material (phase change material) on the base to ensure maximum heat transfer from the component to the sink.
* **The Attachment System (pushPIN™):**
* **Springs:** Provides consistent pressure to ensure the base stays in contact with the chip.
* **Pins:** Designed for easy installation into pre-drilled holes on a PCB (Printed Circuit Board).
---
### 3. Thermal Performance (Airflow)
The efficiency of this part is highly dependent on the velocity of air (measured in Linear Feet per Minute - LFM) passing through the fins:
| Air Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 21.86 | 4.39 | 2.50 | 1.73 |
---
### 4. Applications
This electronic part is typically found in:
1. **Network Switches/Routers:** Cooling internal processors.
2. **Embedded Systems:** For compact boards where space (10mm height) is limited.
3. **Power Supplies:** Managing heat from voltage regulators.
---
- ⤷What is the difference between Blue Anodized and Gold Anodized finishes in heat sinks?
- ⤷ How do I calculate the required LFM for my specific processor?
- ⤷ Are there alternative mounting options if my PCB doesn't have pushPIN holes?