ATS-05A-76-C2-R0
AI

The **ATS-05A-76-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" heat sink line designed for thermal management of semiconductors.
### 1. Product Overview
This part is a high-performance heat sink designed for high-density electronic boards where airflow is available but space is limited.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Push-Pin (Mechanical Attachment) |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Fin Type** | Fine Pitch (Straight Fin) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and ensuring clearance from neighboring components.
* **Size:** 25.0 mm x 25.0 mm
* **Height:** 15.0 mm
* **Mounting Style:** Push-pins with springs for secure attachment.
* **Hole Spacing:** Designed for specific pitch requirements on the PCB to ensure uniform pressure.
---
### 3. Thermal Performance
The efficiency of a heat sink is measured by its thermal resistance ($^\circ\text{C/W}$). A lower number indicates better heat dissipation.
| Airflow Velocity (LFM) | Thermal Resistance ($^\circ\text{C/W}$) |
| :--- | :--- |
| 200 (1.0 m/s) | 11.50 |
| 400 (2.0 m/s) | 7.75 |
| 600 (3.0 m/s) | 6.45 |
---
### 4. Key Component Features
1. **Straight Fin Design:** Optimized for "all-around" airflow, though it performs best when aligned with the direction of the system fans.
2. **Pre-applied TIM:** The "T766" thermal interface material ensures a low-resistance thermal path between the chip and the aluminum base without needing manual application of paste.
3. **Mechanical Attachment:** The use of push-pins provides a more reliable and durable connection than adhesive tapes, especially in high-vibration environments or for heavier heat sinks.
---
### 5. Application Use Cases
* **BGA Packages:** Commonly used for cooling Ball Grid Array (BGA) chips such as FPGAs, CPUs, and GPUs.
* **Networking Gear:** Found in routers, switches, and high-speed communication hardware.
* **Embedded Systems:** Industrial PCs where longevity and physical security of the cooling system are required.
- ⤷
What is the significance of the 'C2' suffix in the part number?
- ⤷ How do I calculate if this heat sink is sufficient for a 10W chip?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes?