ATS-05B-102-C2-R0
AI

The **ATS-05B-102-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" attachment series designed for cooling surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 5.24 °C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Construction
The design of this part focuses on maximizing surface area while ensuring secure mechanical attachment to a Printed Circuit Board (PCB).
* **Heat Sink Profile:** It utilizes a straight-fin design. These are optimized for **forced air convection** (where a fan is present) rather than natural convection.
* **Material:** The aluminum construction offers a balance between lightweight design and high thermal conductivity. The **Blue Anodized** finish isn't just for aesthetics; it provides corrosion resistance and increased emissivity for better radiant heat transfer.
* **Push-Pin Attachment:** Instead of messy adhesives or heavy brackets, this part uses a spring-loaded push-pin system. This provides consistent pressure (approx. 20 psi) against the chip, ensuring the thermal interface material fills all microscopic gaps.
---
### 3. Thermal Performance Indicators
Thermal resistance indicates how effectively the part moves heat away from the component. The lower the number, the better the cooling.
1. **Low Airflow (200 LFM):** ~5.24 °C/W
2. **Medium Airflow (400 LFM):** ~3.20 °C/W
3. **High Airflow (600 LFM):** ~2.51 °C/W
---
### 4. Key Electronic Applications
This part is commonly found in the following industrial and consumer electronics:
* **Networking Equipment:** Routers, switches, and high-speed modems.
* **Power Supplies:** Cooling MOSFETs or power regulators.
* **Embedded Systems:** Industrial PCs and automation controllers where space is limited but heat dissipation is critical.
- ⤷
What is the significance of the T766 Thermal Interface Material mentioned?
- ⤷ How does the 'push-pin' mounting system compare to adhesive tapes?
- ⤷ How do I calculate if this heat sink is sufficient for a specific CPU's TDP?