Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-05B-12-C2-R0

  • AI
    The **ATS-05B-12-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to maximize heat dissipation in environments with constrained airflow. --- ## 1. Technical Specifications The following table outlines the physical and thermal properties of this specific part: | Characteristic | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 15.00mm | | **Attachment Method** | pushPIN™ (Spring and Brass Pin) | | **Thermal Resistance** | 1.58°C/W (at 200 LFM) | | **Base Shape** | Square | | **Fin Style** | maxiFLOW (Tapered Fin Design) | --- ## 2. Key Electronic Features ### A. maxiFLOW™ Fin Geometry Unlike standard straight-fin heat sinks, this part uses a **tapered fin design**. This reduces pressure drop and increases the surface area exposed to air, making it highly efficient for cooling high-power electronic components like CPUs, GPUs, or ASICs. ### B. pushPIN™ Attachment System The part includes a pre-assembled "pushPIN" mechanism. This is critical for electronics because: * It ensures **consistent pressure** across the component surface for optimal thermal transfer. * The **built-in springs** protect delicate semiconductor dies from over-compression. * It simplifies assembly on high-density PCBs. ### C. Thermal Interface Material (TIM) The "R0" suffix indicates that the part typically comes with **ATS-PPS-12** or similar pre-applied thermal tape or grease, ensuring there are no air gaps between the electronic component and the aluminum base. --- ## 3. Application Use Cases This heat sink is typically found in: * **Networking Hardware:** High-speed routers and switches. * **Embedded Systems:** Industrial computers and controllers. * **Power Electronics:** Voltage regulators and high-density power modules.
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and gold anodized heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ Can the pushPIN system be reused if I move the heat sink to a new board?