ATS-05B-142-C2-R0
AI

The **ATS-05B-142-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc.** It is designed specifically for cooling electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Key Technical Specifications
The model number provides specific details about its dimensions, material, and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 1.90°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
| **Base Type** | Square |
---
### 2. Physical Design and Construction
#### **Material and Coating**
The heat sink is made from **extruded aluminum**, which offers a balance of lightweight properties and high thermal conductivity. The **Blue Anodized** finish isn't just for aesthetics; it provides surface protection against corrosion and slightly improves thermal emissivity.
#### **Attachment System: pushPIN™**
The "C2" in the part number indicates the attachment mechanism. It uses a **pushPIN™ system** which includes:
* A pre-drilled hole pattern for the PCB.
* A compression spring to provide a precise amount of pressure (Force) on the component.
* A flexible attachment that ensures the heat sink stays flush with the chip even under vibration or mechanical shock.
---
### 3. Thermal Performance Indicators
The efficiency of this part is measured by its **Thermal Resistance**, which determines how effectively it moves heat away from the silicon die.
* **Low Airflow (200 LFM):** ~1.90°C/W.
* **High Airflow (700 LFM):** ~1.20°C/W.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal pad or grease that fills microscopic air gaps between the chip and the heat sink base.
---
### 4. Typical Applications
Due to its compact 30mm footprint, this part is commonly used for:
1. **Network Switches & Routers:** Cooling internal ASICs.
2. **Embedded Systems:** Industrial PCs where space is limited.
3. **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
What is the difference between pushPIN and adhesive mounting for heat sinks?
- ⤷ How does the 'LFM' (Linear Feet per Minute) value affect cooling performance?
- ⤷ Is there a version of this heat sink with a different height?