AI

The **ATS-05B-147-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is a passive electronic component designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or power transistors, to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The model number provides specific details about the dimensions, thermal resistance, and material.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push Pin (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Thermal Resistance (Unducted Flow)** | 13.52 °C/W @ 100 LFM |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design and Construction
* **Low Profile:** With a height of only 10mm, this heat sink is ideal for space-constrained applications like 1U servers, network switches, or small-form-factor industrial PCs.
* **Straight Fin Pattern:** The fins are aligned in a straight pattern, which is optimized for **forced air cooling** (where a fan blows air directly across the fins).
* **Blue Anodized Coating:** The blue finish is not just aesthetic; anodization increases surface emissivity, slightly improving radiation cooling and protecting the aluminum from corrosion.
---
### 3. The pushPIN™ Mounting System
One of the defining features of this part is the **pushPIN™** attachment mechanism:
1. **Spring-Loaded:** It uses a brass or plastic push pin with a high-performance compression spring.
2. **Consistent Pressure:** The spring ensures uniform pressure across the thermal interface material (TIM), maximizing heat transfer between the chip and the heat sink.
3. **Pre-Assembled:** It usually comes with the pins and springs pre-assembled, along with a pre-applied Thermal Interface Material (often a high-performance phase-change material).
---
### 4. Thermal Performance Comparison
Thermal resistance ($\text{°C/W}$) indicates how many degrees Celsius the component will rise per watt of power dissipated.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 13.52 |
| 300 (1.5 m/s) | 6.43 |
| 500 (2.5 m/s) | 4.73 |
*Note: Higher airflow (LFM) significantly reduces thermal resistance, making the part much more effective.*
---
- ⤷
What are the compatible PCB hole sizes for the pushPIN mounting system?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied material?
- ⤷ What is the maximum power dissipation (in Watts) this heat sink can handle safely?