ATS-05B-15-C2-R0
AI

The **ATS-05B-15-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 7.44°C/W (at 100 LFM) |
| **Dimensions** | 50.00mm x 50.00mm |
| **Height** | 25.00mm |
---
### 2. Key Component Features
#### A. Thermal Performance
The heat sink is designed for optimal airflow. The "C2" in the part number indicates a specific thermal profile. As airflow (LFM - Linear Feet per Minute) increases, the thermal resistance drops significantly, allowing the component to handle higher power loads.
#### B. pushPIN™ Attachment Mechanism
Unlike adhesive tapes or simple clips, the **pushPIN™** system uses a spring-loaded pin. This provides:
* **Constant Pressure:** Ensures a firm interface between the heat sink and the component for better heat transfer.
* **Vibration Resistance:** Securely holds the part in place during shipping or operation in industrial environments.
* **Pre-drilled Holes:** Requires specific hole patterns on the PCB (typically 43.00mm pitch for this model).
#### C. Material and Finish
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Coating:** Not just aesthetic; the anodization protects the aluminum from corrosion and slightly increases emissivity for better radiant cooling.
---
### 3. Dimensional Layout
| Dimension | Value (mm) |
| :--- | :--- |
| **Width (A)** | 50.00 |
| **Length (B)** | 50.00 |
| **Height (C)** | 25.00 |
| **Hole Pitch (E)** | 43.00 |
| **Hole Pitch (F)** | 43.00 |
---
### 4. Implementation Requirements
To use this part in an electronic design, you need:
1. **TIM (Thermal Interface Material):** Usually pre-applied (standard is T766 phase change material or similar).
2. **PCB Hole Pattern:** Two or four holes (depending on the specific pin configuration) must be drilled into the PCB at a 43mm spacing.
3. **Clearance:** A 25mm vertical clearance above the chip to accommodate the fins.
- ⤷What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ Can this heat sink be used with a custom fan attachment?
- ⤷ What are the specific PCB hole diameter requirements for the ATS pushPIN system?