ATS-05B-166-C3-R0
AI

The **ATS-05B-166-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "push pin" series designed for securing the cooler to a Printed Circuit Board (PCB).
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Fin Type** | Square Pin Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 12.30°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
## 2. Component Breakdown
### A. Fin Geometry (Square Pin Fin)
The "166" in the part number refers to the specific geometry. The **Square Pin Fin** design is highly effective in "omni-directional" airflow environments. Unlike straight-fin heat sinks, pin fins allow air to enter the heat sink from any angle, making it ideal for crowded PCBs where airflow direction may be unpredictable.
### B. Attachment Mechanism (Push-Pin & Spring)
The `-R0` suffix indicates the standard revision. It uses a push-pin assembly:
* **Plastic Push-Pins:** Quickly snap into pre-drilled holes in the PCB.
* **Compression Springs:** Ensure consistent pressure between the heat sink and the heat-generating component (CPU, GPU, or MOSFET), which is critical for maximizing heat transfer.
### C. Thermal Interface Material (TIM)
The unit comes with **T412** pre-applied to the base. This is a "Phase Change Material" that fills microscopic air gaps between the component and the heat sink base, significantly reducing thermal resistance compared to a dry fit.
---
## 3. Usage Context
This part is typically used for cooling small-form-factor electronics, such as:
* **Network Switches/Routers:** Cooling ASICs or SoCs.
* **Embedded Systems:** Industrial PCs where space is limited.
* **Power Supplies:** Cooling voltage regulators or power transistors.
---
- ⤷
How do I calculate if the 12.30°C/W thermal resistance is sufficient for my component?
- ⤷ What is the specific PCB hole size required for the ATS push-pin mount?
- ⤷ Does the Blue Anodized finish affect the thermal performance compared to raw aluminum?