ATS-05B-181-C2-R0
AI

The **ATS-05B-181-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** designed for cooling electronic integrated circuits (ICs) and other surface-mount components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Here are the core specifications:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic Pins / Springs) |
| **Thermal Resistance** | 11.95°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 10mm |
| **Pitch** | Fine Pitch (High fin density) |
---
### 2. Component Breakdown
The assembly consists of four primary electronic/mechanical sub-parts:
#### A. The Heat Sink Body
Manufactured from high-grade aluminum. The **C2** in the part number indicates a specific thermal interface material (TIM) or finish, and the **R0** indicates the revision level. The fine-fin design maximizes surface area for convective cooling.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or permanent solder, this part uses a mechanical "pushPIN" system.
* **Benefits:** Provides consistent pressure for optimal thermal contact.
* **Components:** Plastic pins and stainless steel springs.
#### C. Thermal Interface Material (TIM)
The bottom of the heat sink usually comes pre-applied with a thermal pad or phase-change material. This fills the microscopic air gaps between the heat sink and the electronic chip (CPU, GPU, or FPGA), significantly lowering thermal resistance.
#### D. Blue Anodized Coating
The blue color is not just aesthetic; the anodization process provides:
* Increased corrosion resistance.
* Electrical insulation (to prevent shorting if it touches nearby components).
* Improved emissivity for radiant heat transfer.
---
### 3. Common Applications
This part is typically found in the following electronic environments:
* **Telecommunications:** Cooling network switches and routers.
* **Industrial PC:** Cooling processors in fanless or low-airflow enclosures.
* **Embedded Systems:** For high-heat ARM or FPGA chips.
---
- ⤷What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How do I calculate if this heat sink is sufficient for a 5W chip?
- ⤷ Are there alternative attachment methods if my PCB doesn't have holes?