ATS-05B-192-C2-R0
AI

The **ATS-05B-192-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. | Part of the "pushPIN™" Series |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Fin Type** | Straight Fin | Optimized for directional airflow |
| **Thermal Resistance** | 2.35°C/W (at 100 LFM) | Lower is better for cooling efficiency |
| **Attachment Method** | pushPIN™ | Uses a spring-loaded pin mechanism |
| **Dimensions** | 45mm x 45mm x 30mm | Length x Width x Height |
| **Finish** | Blue Anodized | Increases surface area and corrosion resistance |
---
### Key Electronic & Mechanical Components
#### 1. The Heat Sink Body (Aluminum 6063)
The main body uses Aluminum 6063, which is the standard for high-quality heat sinks. The **Straight Fin** design allows for maximum airflow through the fins, making it ideal for systems with dedicated cooling fans (forced convection).
#### 2. The pushPIN™ Attachment System
Instead of using messy adhesives or simple thermal tape, this part utilizes a mechanical **pushPIN™ system**.
* **Springs:** Provide consistent pressure (Force) to ensure the heat sink maintains perfect contact with the electronic chip.
* **Pins:** Designed to fit into pre-drilled holes on the PCB (Printed Circuit Board).
#### 3. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that it comes with a **pre-applied thermal interface material**. This is a layer of conductive paste or pad that fills microscopic air gaps between the component and the heat sink to maximize heat transfer.
---
### Performance under Airflow
The efficiency of this electronic part changes based on the Linear Feet per Minute (LFM) of the airflow:
* **200 LFM:** Thermal resistance drops to approximately **1.31°C/W**.
* **500 LFM:** Thermal resistance drops to approximately **0.87°C/W**.
---
### Applications
* **Telecommunications:** Cooling high-speed signal processors.
* **Computing:** Protecting VRMs (Voltage Regulator Modules).
* **Industrial Electronics:** Managing heat in power supplies and motor controllers.
- ⤷
What are the specific hole patterns required on a PCB for the pushPIN attachment?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling without a fan?