AI

The **ATS-05B-207-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "push pin" series designed specifically for cooling electronic components such as CPUs, GPUs, and other high-heat-generating surface-mount devices.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 6.39°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 60mm x 60mm x 6mm |
| **Fin Style** | XC-Cut (Cross-Cut) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic & Mechanical Components
#### A. Fin Design (XC-Cut)
The "XC-Cut" refers to a cross-cut fin pattern. Unlike straight fins, these create a series of independent pins or blocks. This is electronically beneficial because:
- It allows for **multi-directional airflow**, meaning the component remains cool regardless of how the system fan is oriented.
- It increases the surface area for heat dissipation while maintaining a low profile (6mm height).
#### B. Push-Pin Mounting System
Instead of using messy thermal adhesives or complex screws, this part uses a **push-pin and spring mechanism**:
- **Reliability:** Provides consistent downward pressure on the electronic chip, ensuring optimal contact with the die.
- **Safety:** Prevents the heat sink from shifting during vibration, which could otherwise short-circuit nearby surface-mount components.
#### C. Thermal Interface Material (T766)
The unit comes with **T766** pre-applied to the base.
- This material fills the microscopic air gaps between the heat sink and the electronic package (e.g., a BGA or FPGA).
- It ensures efficient heat transfer, preventing the junction temperature ($T_j$) of the semiconductor from exceeding safe limits.
---
### 3. Thermal Performance Profile
The effectiveness of this heat sink depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 13.0 |
| 200 (Moderate) | 6.4 |
| 400 (High) | 3.5 |
---
### Summary of Benefits
1. **Low Profile:** At only 6mm high, it is ideal for 1U server racks and slim electronic enclosures.
2. **Efficiency:** The blue anodized finish is not just for aesthetics; it provides improved surface emissivity.
3. **Easy Integration:** The push-pin design allows for rapid assembly in manufacturing environments.
- ⤷
What is the hole pattern requirement for the push-pin installation?
- ⤷ How does the T766 thermal material compare to standard thermal paste?
- ⤷ Are there alternative fin heights available for this specific 60x60mm footprint?