ATS-05B-29-C2-R0
AI

The **ATS-05B-29-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, and other high-heat surface-mount devices.
---
## 1. Technical Specifications
The following table highlights the physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | push-PIN™ |
| **Thermal Resistance (Flow)** | 7.57 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm |
| **Fin Style** | Straight Fin |
| **Spring Type** | ATS-PPS-05 |
---
## 2. Key Components & Design Features
### A. The push-PIN™ Attachment
Unlike adhesive tapes or heavy clips, this part uses the **push-PIN™** system. It consists of:
* **Plastic/Brass Pins:** Designed to fit into pre-drilled holes on a PCB.
* **Compression Springs:** These provide precise, uniform pressure (Force) across the component surface, ensuring optimal thermal interface contact.
### B. Material and Finish
* **Aluminum Construction:** Offers a lightweight solution with high thermal conductivity.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization increases the surface emissivity, slightly improving radiative cooling and providing corrosion resistance.
### C. Thermal Performance
The "C2" in the part number indicates a specific thermal interface material (TIM) or performance tier. This heat sink is engineered to maximize surface area within a 45mm footprint, using a straight-fin design that is most effective in environments with directed airflow (forced convection).
---
## 3. Applications
This part is commonly used in:
* **Telecommunications:** High-speed routers and switches.
* **Industrial PC (IPC):** Control boards and embedded systems.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
---
- ⤷
What is the difference between straight fin and cross-cut fin heat sinks?
- ⤷ How do I calculate the required LFM for this heat sink?
- ⤷ Are there alternative mounting options if my PCB lacks push-pin holes?