AI

The **ATS-05B-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the material, dimensions, and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 12.70mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 21.46°C/W (at 100 LFM) to 1.62°C/W (at 700 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Electronic Application & Cooling
This component is used in the **Passive Cooling** stage of electronics. It functions by increasing the surface area of a heat-generating component, allowing air to carry away the heat more efficiently.
* **Thermal Interface Material (TIM):** The "C2" in the part number indicates it typically comes with **T766** high-performance thermal phase change material pre-applied to the base.
* **pushPIN™ Technology:** This part utilizes a specialized mounting system that includes a compression spring and a plastic/brass pin. This ensures even pressure across the electronic chip, which is critical for maximizing heat transfer and preventing damage to the silicon die.
---
### 3. Key Electronic Benefits
1. **Reliability:** By maintaining a lower operating temperature, it prevents "thermal throttling" and extends the Mean Time Between Failures (MTBF) of the semiconductor.
2. **Efficiency:** The straight-fin design is optimized for environments where there is a clear directional airflow (forced convection), such as inside a server chassis or a high-end industrial PC.
3. **EMI/RFI Consideration:** Because it is made of aluminum and grounded through the PCB mounting, it can sometimes assist in reducing electromagnetic interference (EMI) depending on the board layout.
---
### 4. Typical Use Cases
* **Networking Equipment:** High-speed routers and switches.
* **Industrial Power Supplies:** Cooling MOSFETs or IGBTs.
* **Embedded Computing:** Cooling SOCs (System on Chip) in edge computing devices.
- ⤷
How does the thermal resistance of this part change with different airflow (LFM) levels?
- ⤷ What is the difference between the C1 and C2 versions of this heat sink series?
- ⤷ Can this heat sink be used on BGA packages without drilling holes in the PCB?