ATS-05B-34-C2-R0
AI

The **ATS-05B-34-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" Heat Sink Assembly series designed for thermal management in electronic circuits.
### 1. Component Overview
This part is a high-performance **Heat Sink** designed to dissipate heat from integrated circuits (ICs), CPUs, or high-power transistors.
---
### 2. Technical Specifications
The following table outlines the mechanical and thermal characteristics of the ATS-05B-34-C2-R0:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 31.75mm |
| **Fin Style** | Cross-Cut (Square pins) |
| **Thermal Resistance** | ~14.33 °C/W (Natural Convection) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 3. Key Electronic/Mechanical Features
#### A. Fin Design
The heat sink features a **cross-cut** pattern. In electronic cooling, this design allows for multi-directional airflow, making it highly effective in compact enclosures where the direction of the cooling fan's air may not be strictly horizontal or vertical.
#### B. Attachment Mechanism (pushPIN™)
Unlike adhesive tapes that can fail under high heat, this part uses a **spring-loaded push-pin** system.
* **Pressure:** Ensures constant pressure between the heat sink and the electronic chip for optimal heat transfer.
* **Reliability:** Provides a secure mechanical connection that withstands shock and vibration.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This is a specialized thermal pad or paste that fills microscopic air gaps between the component surface and the heat sink, significantly lowering thermal resistance.
---
### 4. Typical Applications
* **Networking Equipment:** Routers, switches, and gateways.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Consumer Electronics:** High-end audio or gaming peripherals.
- ⤷
What are the benefits of the blue anodized finish on this heat sink?
- ⤷ How do I calculate if the 14.33 °C/W thermal resistance is sufficient for my chip?
- ⤷ Are there different spring tensions available for the pushPIN system?