ATS-05B-95-C2-R0
AI

The **ATS-05B-95-C2-R0** is a high-performance electronic thermal management component. Specifically, it is an **Advanced Thermal Solutions (ATS) push-pin heatsink** designed for cooling integrated circuits (ICs) such as CPUs, GPUs, and high-power chipsets.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Here is the breakdown of its physical and performance characteristics:
| Property | Description |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 40mm x 40mm x 25mm |
| **Fin Style** | Straight Fin (High Surface Area) |
| **Thermal Resistance** | 7.29 °C/W (at 200 LFM) |
| **Attachment Type** | Push-Pin (Standard 2-Pin configuration) |
| **Thermal Interface** | T766 (High-performance Phase Change Material) |
---
### 2. Physical Design Components
This part is comprised of three main sub-components that work together to manage heat:
* **The Heat Sink Body:** Constructed from high-quality aluminum for thermal conductivity. The straight fin design is optimized for airflow from system fans.
* **Push-Pin Attachment:** The "B" in the part number denotes a specific spring-loaded push-pin assembly. This provides consistent pressure (3.0 lbs force) on the chip to maximize heat transfer across the interface.
* **Thermal Interface Material (TIM):** The part comes pre-applied with **T766**, a phase-change material. This fills the microscopic air gaps between the chip and the heatsink base, significantly reducing thermal resistance compared to air.
---
### 3. Thermal Performance Metrics
Thermal resistance (measured in °C/W) varies based on the Air Velocity (LFM - Linear Feet per Minute).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Natural/Low)** | 14.90 |
| **200 (Moderate)** | 7.29 |
| **300 (Active)** | 5.23 |
| **500 (High)** | 3.73 |
---
### 4. Application and Use Cases
The ATS-05B-95-C2-R0 is typically used in environments where reliability and high heat dissipation are required in a compact form factor:
1. **Networking Hardware:** Routers, switches, and modems.
2. **Industrial PCs:** Motherboards requiring active airflow cooling.
3. **Power Supplies:** Cooling MOSFETs or power regulators.
---
- ⤷What is the difference between the T766 interface material and standard thermal grease?
- ⤷ How do I calculate if the 7.29 °C/W resistance is sufficient for my specific processor?
- ⤷ Are there alternative attachment methods for this heatsink size
- ⤷ such as thermal tape?