ATS-05D-129-C2-R0
AI

The **ATS-05D-129-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of electronic integrated circuits (ICs).
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
|:---|:---|
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 10.00mm |
| **Fin Pattern** | COARSE-PITCH |
| **Fin Type** | XCUT |
| **Thermal Resistance (Unducted)** | 8.68 °C/W @ 100 LFM |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Fin Design (XCUT & Coarse-Pitch)
The "XCUT" geometry provides a multi-directional airflow pattern. In electronic enclosures where airflow might be turbulent or non-linear, this design ensures that heat is dissipated effectively regardless of the direction the cooling fan is blowing.
#### B. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, the pushPIN™ system uses a brass component and a stainless steel spring.
* **Reliability:** Provides consistent pressure (clamping force) across the processor or component, which is critical for long-term thermal stability.
* **Ease of Assembly:** Features pre-drilled holes for quick installation on a PCB.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a high-conductivity material that fills the microscopic air gaps between the electronic component (CPU/GPU/FPGA) and the heat sink, significantly reducing contact resistance.
---
### 3. Application Use Cases
This specific heat sink is typically used for low-profile cooling requirements due to its 10mm height:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** For use in compact industrial computers where vertical space is limited.
3. **Power Electronics:** Dissipating heat from MOSFETs or power regulators in DC-DC converters.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
|:---|:---:|:---:|:---:|:---:|:---:|
| **Resistance (°C/W)** | 8.68 | 4.05 | 3.14 | 2.71 | 2.45 |
- ⤷
What are the specific PCB hole requirements for the pushPIN attachment?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with a different height for higher power applications?