ATS-05D-148-C2-R0
AI

The **ATS-05D-148-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal properties essential for PCB design:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 35mm x 35mm x 15mm |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Thermal Resistance** | ~14.2°C/W (at low airflow) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Components and Features
### A. High-Efficiency Fin Design
The "148" series utilizes a **cross-cut fin pattern**. This design allows for multidirectional airflow, meaning the heat sink remains effective regardless of which direction the fan is blowing across the PCB.
### B. Push-Pin Attachment Mechanism
This part uses a standardized push-pin system:
* **Ease of Assembly:** No screws are required; it snaps into pre-drilled holes in the PCB.
* **Constant Pressure:** The integrated springs ensure consistent contact pressure between the heat sink and the electronic component, which is vital for efficient heat transfer.
### C. Thermal Interface Material (TIM)
The "C2" suffix indicates that the unit comes with **ATS-T766** pre-applied to the base.
* This removes the need for manual application of thermal paste.
* T766 is a high-performance phase-change material designed to fill microscopic air gaps between the component and the heat sink.
---
## 3. Thermal Performance Profile
The effectiveness of this part is highly dependent on the velocity of the air (LFM - Linear Feet per Minute) within the enclosure:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 8.70 |
| 400 | 5.23 |
| 600 | 4.32 |
---
## 4. Common Applications
* **Embedded Systems:** Industrial PCs and routers.
* **Power Electronics:** Voltage regulators and MOSFET modules.
* **FPGA Cooling:** Providing thermal stability for Field Programmable Gate Arrays.
- ⤷
What are the PCB hole diameter requirements for this specific push-pin model?
- ⤷ How does the blue anodized finish affect the thermal radiation properties?
- ⤷ Are there copper-base versions of this heat sink for higher power density?