ATS-05D-153-C2-R0
AI

The **ATS-05D-153-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Base Dimensions** | 40mm x 40mm |
| **Height** | 20mm |
| **Thermal Resistance** | 4.05°C/W (at 200 LFM) |
| **Flow Orientation** | Vertical / Omni-directional |
---
### 2. Key Design Features
* **Fin Style (XC Cut):** The heat sink uses a "cross-cut" or pin-fin design. This allows for multi-directional airflow, making it effective in systems where the direction of the fan exhaust might vary.
* **Thermal Interface Material (TIM):** It typically comes pre-applied with **T766**, a high-performance phase-change material that ensures minimal air gaps between the heat sink and the chip.
* **Push-Pin Attachment:** The "C2" in the part number indicates the use of plastic push-pins and springs. This provides a specific, consistent pressure (clamping force) to optimize heat transfer without damaging the PCB.
---
### 3. Electronic Application
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling networking chips and ASICs.
2. **Embedded Systems:** Industrial PCs where space is limited but heat dissipation is critical.
3. **Power Electronics:** Dissipating heat from high-speed voltage regulators.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **05D** | Series/Mounting specific (Push-pin type) |
| **153** | Dimensions and fin configuration |
| **C2** | Thermal Performance/Material grade |
| **R0** | RoHS compliance status |
- ⤷
What are the recommended mounting hole sizes for the push-pins?
- ⤷ How does the 'C2' thermal material compare to standard thermal paste?
- ⤷ What is the weight of this heat sink for PCB mechanical load calculations?