ATS-05D-162-C2-R0
AI

The **ATS-05D-162-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). While it is a mechanical component, it is essential in power electronics for thermal management.
### 1. General Specifications
This part belongs to the **blue ICE™** series, designed specifically for high-efficiency heat dissipation in constrained spaces.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-05D-162-C2-R0 |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 3.62°C/W (at 100 LFM) |
| **Base Dimension** | 45mm x 45mm |
| **Height** | 25mm |
---
### 2. Key Technical Features
#### A. Thermal Resistance (Performance)
The effectiveness of this heat sink is measured by its ability to transfer heat away from the semiconductor.
* **Low Airflow (100 LFM):** ~3.62°C/W.
* **High Airflow (700 LFM):** ~1.20°C/W.
* *Note: Higher airflow significantly reduces the resistance, allowing for cooler operating temperatures of the electronic chip.*
#### B. pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the **C2-R0** variant utilizes a push-pin mechanism:
* **Pressure:** The spring-loaded pins provide precise, uniform pressure across the TIM (Thermal Interface Material).
* **Reliability:** It ensures the heat sink remains securely attached even under mechanical vibration or thermal cycling.
* **Spring Type:** The "R0" indicates a specific spring tension and pin length designed for a standard PCB thickness (usually 1.6mm).
#### C. Fin Geometry
The part uses a **Straight Fin** design. This is optimal for "tunnel" airflow or environments where the direction of the air is predictable and forced by a fan.
---
### 3. Electronic Application Usage
This heat sink is typically found in the following electronic systems:
1. **FPGA/ASIC Cooling:** Often used on Xilinx or Altera chips where power density is high.
2. **Power Converters:** Cooling MOSFETs or IGBT modules.
3. **Network Switches:** Thermal management for high-speed processors in rack-mounted hardware.
---
### 4. Thermal Interface Material (TIM)
The "C2" in the part number designates that this unit typically comes with **pre-applied Phase Change Material (PCM)** or high-performance thermal grease. This eliminates the need for manual application, ensuring a low-resistance contact between the silicon die and the aluminum base.
- ⤷
What are the compatible PCB hole sizes for the pushPIN attachment?
- ⤷ How does this heat sink compare to the 'cross-cut' fin version in terms of performance?
- ⤷ What is the weight of the ATS-05D-162-C2-R0 for vibration analysis?