ATS-05D-18-C2-R0
AI

The **ATS-05D-18-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the push-pin attachment series designed to dissipate heat from integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink (Passive Cooling) |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 13.38°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Spring Type** | Brass |
---
### 2. Physical Design Elements
* **Heat Sink Body:** Constructed from high-quality aluminum to provide low thermal resistance. The blue anodized finish increases emissivity and protects against corrosion.
* **Fin Configuration:** It features a **Straight Fin/Cross-Cut** design. This allows for multi-directional airflow, making it versatile for different board orientations.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance thermal phase-change material that ensures a tight thermal bond between the chip and the sink.
---
### 3. Attachment Mechanism (Push-Pin)
The "05D" designation refers to the specific attachment hardware:
1. **Push-Pins:** Plastic pins that snap into pre-drilled holes on the PCB (typically 3.0mm holes).
2. **Compression Springs:** These provide a precise amount of downward pressure (clamping force) to maximize thermal contact without damaging the semiconductor or the solder joints.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 13.38 |
| 400 (2.0 m/s) | 7.06 |
| 600 (3.0 m/s) | 5.30 |
| 800 (4.0 m/s) | 4.40 |
---
### 5. Common Applications
* **BGA (Ball Grid Array) Cooling:** Used on processors and chipsets.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs and networking hardware where vertical clearance (25mm height) is available.
- ⤷
What are the PCB hole requirements for the push-pin attachment?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a low-profile version of this heat sink for 1U server racks?