ATS-05D-184-C2-R0
AI

The **ATS-05D-184-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series designed for efficient cooling of integrated circuits (ICs) and other electronic packages.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40.0 mm x 40.0 mm x 25.0 mm |
| **Fin Type** | Straight Fin |
| **Thermal Resistance (Flowing)** | 1.50 °C/W (@ 200 LFM) |
| **Thermal Resistance (Static)** | 4.14 °C/W |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
---
### 2. Key Component Features
#### A. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this part uses a mechanical **pushPIN™** system. This provides:
* **Constant Pressure:** A precise spring-loaded mechanism ensures uniform contact between the heat sink and the heat source.
* **Ease of Install:** No need for messy glues; it requires pre-drilled holes in the PCB.
* **Vibration Resistance:** The mechanical lock prevents the heat sink from shifting during transport or operation.
#### B. Thermal Interface Material (TIM)
This specific part number (C2 suffix) typically comes pre-applied with **T766** phase-change material. This eliminates the need for manual thermal paste application, ensuring optimal heat transfer from the chip to the aluminum fins.
#### C. Straight Fin Design
The "Straight Fin" geometry is optimized for **forced air cooling** (active airflow from a fan). The gaps between the fins allow air to flow through the length of the sink, stripping away heat through convection.
---
### 3. Naming Convention Breakdown
The part number provides specific details about the configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **05** | pushPIN™ Series |
| **D** | Material/Spring Type (Aluminum) |
| **184** | Product code for specific fin geometry/density |
| **C2** | Thermal Interface Material (T766) and Anodized Finish |
| **R0** | RoHS Compliant / Revision code |
---
- ⤷
What are the PCB hole requirements for installing a pushPIN™ heat sink?
- ⤷ How does the 'C2' thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?