ATS-05D-192-C2-R0
AI

The **ATS-05D-192-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the key mechanical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.35°C/W (at 200 LFM) |
| **Fin Style** | Straight (Cross-cut for airflow versatility) |
---
### 2. Key Electronic Features
#### A. Thermal Resistance Efficiency
The core purpose of this part is to lower the thermal resistance between the component junction and the ambient air. With a rating of **2.35°C/W**, it effectively moves heat away from the silicon die. Lower thermal resistance indicates better cooling performance.
#### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the "05D" series uses a mechanical **pushPIN™** system. This provides:
* **Constant Pressure:** Ensures a firm interface between the heat sink and the chip.
* **Reliability:** Resistant to vibrations and thermal expansion cycles.
* **Reusability:** Can be removed and reattached during maintenance.
#### C. Cross-Cut Fin Design
The fins are designed with a "Cross-cut" pattern. In electronic cooling, this is superior to straight fins because it allows for **omni-directional airflow**. Whether the cooling fan is blowing vertically or horizontally, the air can penetrate the fin structure to remove heat.
---
### 3. Application Use-Cases
This specific heat sink is typically found in:
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking Gear:** Switches and routers where high-density chips generate significant heat.
* **Power Supplies:** Cooling high-wattage MOSFETs or voltage regulators.
---
### 4. Thermal Performance Table (Airflow vs. Resistance)
Thermal performance varies based on the Linear Feet per Minute (LFM) of the airflow:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 4.43 |
| 200 | 1.0 | 2.35 |
| 400 | 2.0 | 1.49 |
| 600 | 3.0 | 1.17 |
- ⤷What type of thermal interface material (TIM) is recommended for this heat sink?
- ⤷ How do I calculate the correct hole diameter on the PCB for the pushPIN system?
- ⤷ Is there a version of this heat sink with a different anodized finish?