ATS-05D-20-C2-R0
AI

The **ATS-05D-20-C2-R0** is a specific electronic component categorized as a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is designed for high-performance thermal management in integrated circuits.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-05D-20-C2-R0 |
| **Type** | Top Mount Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 54.00mm x 40.00mm x 15.00mm |
| **Thermal Resistance** | 7.14°C/W (at 100 LFM) |
---
## 2. Key Electronic & Physical Components
### A. The Heat Sink Body
The core component is an **extruded aluminum block** featuring a **Cross-Cut** fin design. This geometry is engineered to maximize surface area while allowing airflow from multiple directions, making it efficient for systems where air direction might change.
### B. pushPIN™ Attachment System
Instead of using messy thermal adhesives or complex screws, this part uses the **pushPIN™ system**.
- **Pre-assembled springs:** Provide a specific, consistent pressure (compression) on the electronic chip.
- **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the Printed Circuit Board (PCB).
### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically signifies the inclusion of a high-performance **Thermal Interface Material (T766)** pre-applied to the base. This material fills microscopic air gaps between the heat sink and the CPU/GPU to improve heat transfer.
---
## 3. Thermal Performance (Efficiency)
Thermal performance is measured by how effectively the part moves heat away from the electronics into the ambient air.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.14 |
| 300 (1.5 m/s) | 2.62 |
| 500 (2.5 m/s) | 1.66 |
---
## 4. Typical Applications
This part is commonly found in electronic assemblies requiring active or passive cooling for:
* **Processors (CPUs/GPUs):** For small-form-factor industrial computers.
* **ASICs & FPGAs:** High-speed integrated circuits that generate significant localized heat.
* **Power Supplies:** Cooling transistors or voltage regulators.
- ⤷
What are the specific advantages of the pushPIN™ attachment compared to thermal tape?
- ⤷ How does the 'Blue Anodized' finish affect the thermal radiation properties of the heat sink?
- ⤷ Can this heat sink be used with both active fan cooling and passive convection?