ATS-05D-200-C2-R0
AI

The **ATS-05D-200-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 10.00mm |
| **Thermal Resistance** | 9.78 °C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Component Parts
The assembly consists of four primary electronic/mechanical sub-components:
#### A. The Heat Sink Body
* **Design:** Features a **fine-pitch straight fin** design. This maximizes surface area for heat dissipation while maintaining a low profile (10mm height), making it ideal for tight enclosures.
* **Material:** Extruded aluminum (6063) provides a balance between high thermal conductivity and structural rigidity.
#### B. pushPIN™ Attachment System
Instead of using messy adhesives or bulky screws, this part uses a standardized push-pin mechanism.
* **Components:** Plastic pins and stainless steel springs.
* **Function:** Ensures consistent pressure (clamping force) across the interface, which is critical for maximizing heat transfer from the chip to the metal.
#### C. Thermal Interface Material (TIM)
* **Part Type:** T766.
* **Function:** A phase-change or high-conductivity pad pre-applied to the base. It fills microscopic air gaps between the electronic chip and the heat sink base to lower thermal resistance.
#### D. Blue Anodized Coating
* **Function:** Beyond aesthetics, the anodized layer provides electrical insulation (to prevent short circuits if it touches surrounding components) and increases corrosion resistance.
---
### 3. Thermal Performance Metrics
Thermal performance varies based on the airflow (measured in Linear Feet per Minute - LFM) within the electronic chassis:
| Air Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 9.78 |
| 300 | 1.5 | 4.42 |
| 500 | 2.5 | 3.27 |
| 700 | 3.5 | 2.72 |
---
- ⤷
What are the specific hole patterns required on the PCB for this heat sink?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?
- ⤷ What is the weight of the ATS-05D-200-C2-R0 assembly?