ATS-05D-41-C3-R0
AI

The **ATS-05D-41-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like BGA (Ball Grid Array) chips.
---
## 1. Technical Specifications
Below are the primary electronic and physical specifications for this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 0.95°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Brass Pins) |
| **Dimension (L x W x H)** | 40.00mm x 40.00mm x 17.50mm |
| **Fin Style** | Spread Fin (Optimized for airflow) |
| **Spring Type** | Compression Spring (Steel) |
---
## 2. Electronic Component Breakdown
### A. The Heat Sink Body
The core component is an aluminum extrusion. In electronics, the efficiency of this part is measured by its **Thermal Resistance ($\theta$)**. A lower value (in this case, reaching 0.95°C/W) means the part is highly effective at moving heat away from the semiconductor junction to the ambient air.
### B. Thermal Interface Material (TIM)
The "C3" in the part number indicates the type of **Thermal Interface Material** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the electronic chip (e.g., a CPU or FPGA) to ensure maximum heat transfer.
* **Material:** Usually a high-performance phase-change or grease-like compound.
### C. The pushPIN™ Attachment System
Unlike adhesive tapes which can fail under high heat, this part uses a mechanical **pushPIN™** system.
* **Electronic Safety:** Ensures a specific, consistent pressure (clamping force) is applied to the chip. This prevents "cracking" the die while maintaining enough contact to prevent overheating.
* **Grounding:** The mechanical connection can sometimes assist in EMI shielding or grounding strategies depending on the PCB layout.
---
## 3. Airflow Performance Data
The electronic cooling efficiency changes based on the air velocity (measured in Linear Feet per Minute - LFM) provided by system fans.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 1.80 |
| 200 | 0.95 |
| 300 | 0.70 |
| 400 | 0.60 |
---
## 4. Typical Applications
This part is commonly used to cool high-power integrated circuits in:
* **Networking Hardware:** Switches and Routers.
* **Industrial PCs:** High-reliability embedded systems.
* **Power Supplies:** Cooling MOSFETs or power regulators.
---
- ⤷
What is the difference between the C1
- ⤷ C2
- ⤷ and C3 variants for this heat sink?
- ⤷ How do I calculate if the 0.95°C/W resistance is sufficient for my specific IC?
- ⤷ Does this model include the plastic or brass pushPIN hardware?