ATS-05D-76-C3-R0
AI

The **ATS-05D-76-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 11.84°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 10mm |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design & Construction
* **Heat Sink Body:** Manufactured from high-grade aluminum for optimal thermal conductivity. The "Straight Fin" design allows for low-pressure drop and is ideal for high-velocity airflow environments.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T412** pre-applied. T412 is a high-performance thermal tape or pad that ensures air gaps between the chip and the heat sink are filled, maximizing heat transfer.
* **Push-Pin Mechanism:** Features a brass push-pin with a compression spring. This provides a precise, consistent mounting force (pressure), which is critical for maintaining contact with the electronic component while preventing board damage.
---
### 3. Thermal Performance Matrix
The efficiency of this part depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 16.00 |
| 200 (1.0 m/s) | 11.84 |
| 400 (2.0 m/s) | 8.35 |
| 600 (3.0 m/s) | 6.91 |
---
### 4. Typical Applications
This electronic part is commonly used in:
1. **Telecommunications:** Cooling small chips on network switches and routers.
2. **Embedded Computing:** Protecting microprocessors on PCB boards.
3. **Power Electronics:** Managing heat on voltage regulators and power modules.
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate if the 11.84°C/W thermal resistance is sufficient for my chip?
- ⤷ Can the push-pins be replaced with screws for a more permanent mount?