ATS-05D-90-C2-R0
AI

The **ATS-05D-90-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is specifically designed for component cooling in electronic assemblies.
---
### 1. Technical Specifications
The following table summarizes the core technical attributes of this specific part:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-05D-90-C2-R0 |
| **Attachment Method** | pushPIN™ |
| **Fin Type** | Straight Fin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 6.36°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
---
### 2. Key Electronic & Mechanical Features
#### A. Attachment System: pushPIN™
Unlike standard adhesive-based heat sinks, this part uses a **pushPIN™** mechanism.
* **Spring-loaded:** It ensures consistent pressure across the interface for optimal heat transfer.
* **Compression Spring:** Provides a secure fit that resists vibration and mechanical shock, making it ideal for industrial or automotive electronics.
#### B. Thermal Interface Material (TIM)
The "C2" in the part number indicates that it comes pre-applied with **T766 Phase Change Material**.
* **Function:** This material fills microscopic air gaps between the electronic component (CPU, FPGA, or MOSFET) and the heat sink base.
* **Benefit:** Reduces thermal contact resistance significantly compared to dry mounting.
#### C. Fin Design and Airflow
The straight fin design is optimized for **forced air cooling**.
* **LFM Performance:** At higher airflows (e.g., 700 LFM), the thermal resistance drops from 6.36°C/W down to approximately 1.60°C/W.
* **Material:** The use of Aluminum 6063 provides a balance between lightweight construction and high thermal conductivity.
---
### 3. Common Applications
This heat sink is typically found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed data processors.
2. **Embedded Systems:** Protecting SoCs (System on Chips) from thermal throttling.
3. **Power Electronics:** Managing heat in power supplies or motor controllers.
- ⤷
What is the difference between blueICE and other ATS heat sink series?
- ⤷ How do I calculate the required LFM for my specific chip wattage?
- ⤷ Can the pushPIN attachment be reused if the component is replaced?