ATS-05D-91-C3-R0
AI

The **ATS-05D-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 22.00°C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Design and Components
The "ATS-05D-91-C3-R0" features several key electronic-mechanical design elements:
* **Push-Pin Attachment:** The part includes a flexible "Push-Pin" mounting system. This allows for quick and secure attachment to a PCB through pre-drilled holes, providing consistent pressure on the electronic component for optimal heat transfer.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T412** thermal tape or grease pre-applied to the base to fill microscopic air gaps between the heat sink and the chip.
* **Fin Geometry:** The straight-fin design is optimized for high-density airflow environments. The 10mm low-profile height makes it suitable for compact electronic enclosures (1U servers or thin clients).
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify the exact features of the component:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **05** | Push-Pin type/series |
| **D** | Material/Spring type |
| **91** | Specific dimension code (40x40x10mm) |
| **C3** | Thermal Interface Material (TIM) type |
| **R0** | RoHS compliance and revision status |
---
### 4. Typical Applications
* **Embedded Systems:** Cooling microprocessors in industrial PCs.
* **Telecommunications:** Heat dissipation for high-speed networking chips.
* **Power Electronics:** Managing heat for Voltage Regulators (VRMs) or MOSFETs.
- ⤷
What are the different types of Push-Pins used in the ATS series?
- ⤷ How does the thermal resistance change at higher airflow (e.g.
- ⤷ 500 LFM)?
- ⤷ Are there alternative materials to Aluminum for this specific heat sink model?