ATS-05D-92-C2-R0
AI

The **ATS-05D-92-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "push pin" attachment series designed to cool electronic components like CPUs, GPUs, and high-power chipsets.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-05D-92-C2-R0 |
| **Material** | Aluminum (Body) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 16.48 °C/W (at 100 LFM) to 5.67 °C/W (at 800 LFM) |
| **Fin Type** | Straight Fin |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### Key Components & Electronic Functionality
#### 1. Heat Dissipation (Passive Cooling)
While not an electronic component itself (it contains no circuitry), the ATS-05D-92-C2-R0 is critical for the thermal management of electronics. It functions by increasing the surface area of a hot component, allowing heat to transfer into the surrounding air more efficiently.
#### 2. Push Pin Mounting System
The "C2" in the part number refers to the mounting kit. This assembly uses:
* **Plastic/Brass Push Pins:** These snap into holes on the PCB (Printed Circuit Board).
* **Compression Springs:** These ensure constant pressure (Force) between the heat sink and the chip, which is vital for minimizing thermal resistance.
#### 3. Thermal Interface Material (TIM)
The base of this heat sink comes pre-applied with **T766**. This is a thermal pad or paste that fills microscopic air gaps between the heat sink and the electronic chip (IC), ensuring maximum heat transfer.
#### 4. Blue Anodized Finish
The blue coating is not just for aesthetics; anodizing increases the emissivity of the aluminum surface and provides electrical insulation, preventing the metal sink from shorting out nearby components if it accidentally touches a lead.
---
### Use Cases in Electronics
* **Embedded Systems:** Used on processors that generate moderate heat in compact enclosures.
* **Telecommunications:** Cooling for FPGA or ASIC chips on networking cards.
* **Power Supplies:** Managing heat for high-voltage regulators or transistors.
---
- ⤷
What is the significance of the 'C2' designation in ATS part numbers?
- ⤷ How does the LFM (Linear Feet per Minute) affect the cooling efficiency of this part?
- ⤷ Can this heat sink be used without a fan (passive cooling only)?