ATS-05D-93-C2-R0
AI

The **ATS-05D-93-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series.
---
### 1. Technical Specifications
The following table highlights the critical mechanical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Thermal Resistance (Unducted)** | 7.37 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.39 °C/W @ 100 LFM |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design Breakdown
#### A. Fin Configuration
The "93" in the part number designates a specific fin pattern. This model features a **Straight Fin** design, which is ideal for applications where the airflow direction is predictable.
#### B. Attachment Mechanism
The **pushPIN™** system is an electronic assembly feature designed to provide:
* **Constant Pressure:** A high-performance compression spring ensures consistent contact between the heat sink and the component (CPU, GPU, or MOSFET).
* **Ease of Installation:** It uses a push-rivet system that snaps into pre-drilled holes on the PCB, reducing the risk of mechanical damage compared to screw-based mounts.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a high-conductivity thermal grease/pad that fills microscopic air gaps between the heat sink and the electronic chip, significantly lowering thermal impedance.
---
### 3. Applications
This part is commonly found in the following electronic environments:
* **Telecommunications:** Cooling of high-speed processing chips.
* **Industrial PCs:** Thermal management for embedded controllers.
* **Power Supplies:** Heat dissipation for power transistors and voltage regulators.
---
- ⤷
What are the different types of pushPIN attachment options available for this series?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to raw aluminum?
- ⤷ Can this heat sink be used with a custom thermal interface material?