ATS-05F-01-C2-R0
AI

The **ATS-05F-01-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic packages. It belongs to the *pushPIN™* series manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimension (Length x Width)** | 40.00 mm x 40.00 mm |
| **Height** | 10.00 mm |
| **Pitch** | Fine-Pitch |
| **Thermal Resistance** | 21.93 °C/W (Unducted @ 100 LFM) |
---
### 2. Key Component Features
* **PushPIN™ Attachment:** This part uses a specialized attachment mechanism consisting of a brass or plastic pin and a high-performance compression spring. This ensures consistent pressure on the thermal interface material (TIM) for optimal heat transfer.
* **Straight Fin Design:** The "F" in the part number denotes a straight fin pattern. This is ideal for applications where airflow is directed through the fins, providing a high surface area-to-volume ratio.
* **Low Profile:** With a height of only 10mm, this heatsink is designed for "Low Profile" applications where vertical space is limited, such as in 1U servers or slim networking gear.
* **Pre-assembled TIM:** Usually, these parts come with a pre-applied Thermal Interface Material to simplify the assembly process on the production line.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the code helps in identifying the specific configuration:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **ATS** | Manufacturer | Advanced Thermal Solutions |
| **05** | Series | pushPIN™ Heat Sink |
| **F** | Fin Type | Straight Fin (Fine Pitch) |
| **01** | Size | Refers to specific length/width dimensions |
| **C2** | Thermal Performance | Indicates the specific thermal resistance rating |
| **R0** | Finish/Color | Blue Anodized |
---
### 4. Application Use-Cases
Electronic engineers select the ATS-05F-01-C2-R0 for:
1. **BGA Cooling:** Ball Grid Array components that generate significant heat.
2. **FPGA/CPU Cooling:** Processing units in telecommunications or industrial automation.
3. **Space-Constrained Devices:** When the height of the enclosure prevents using standard 25mm+ heatsinks.
- ⤷
What is the difference between Fine-Pitch and Coarse-Pitch fins in these heatsinks?
- ⤷ How do I calculate the required CFM for this specific heatsink?
- ⤷ Does this model include the plastic or brass pushpin hardware?