ATS-05F-12-C2-R0
AI

The **ATS-05F-12-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for secure and efficient cooling of integrated circuits (ICs).
---
## 1. Technical Specifications
Below are the primary technical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Heat Sink Type** | Fine Pitch (XC Cut) |
| **Thermal Resistance** | 15.84 °C/W (at 100 LFM) |
| **Dimensions** | 50mm x 50mm x 15mm |
| **Weight** | 63.63 grams |
---
## 2. Key Components & Design
The "electronic" functionality of this part is passive, focusing on heat dissipation via conduction and convection.
### A. The Heat Sink Body
* **Fin Design:** It uses a "Fine Pitch" square-pin or cross-cut geometry. This increases the surface area significantly without obstructing airflow, making it ideal for systems with high-density component layouts.
* **Material:** AL6063 aluminum provides high thermal conductivity and is lightweight, preventing mechanical stress on the PCB.
### B. The Attachment Mechanism (pushPIN™)
* **Push Pins:** These are plastic or metal pins that go through pre-drilled holes in the PCB.
* **Springs:** These ensure a consistent **Compressive Force**, which is critical for maintaining an airtight interface between the chip and the heat sink.
* **Compatibility:** The `-R0` suffix indicates a standard industry-standard mounting hole pattern (typically 43mm x 43mm for this size).
### C. Thermal Interface Material (TIM)
* The part usually comes pre-applied with a **Thermal Interface Material** (like T766). This fills the microscopic air gaps between the electronic component (CPU/GPU/FPGA) and the heat sink base to maximize heat transfer.
---
## 3. Performance Data (Airflow)
Thermal performance varies based on the Velocity of air (LFM - Linear Feet per Minute):
| Air Velocity | Thermal Resistance (Unducted) |
| :--- | :--- |
| **100 LFM (0.5 m/s)** | 15.84 °C/W |
| **300 LFM (1.5 m/s)** | 5.57 °C/W |
| **500 LFM (2.5 m/s)** | 3.99 °C/W |
| **700 LFM (3.5 m/s)** | 3.23 °C/W |
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in selecting the correct variant:
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **05:** Series/Style
* **F:** Fin Pitch (Fine)
* **12:** Heat Sink Height (15mm)
* **C2:** Thermal Interface Material / Color (Blue Anodized)
* **R0:** Revision/Standard version
- ⤷
What are the specific PCB hole sizes required for the pushPIN mounting system?
- ⤷ How does the 'Fine Pitch' fin design compare to 'Coarse Pitch' in low-airflow environments?
- ⤷ Can the pre-applied thermal interface material be replaced with aftermarket thermal paste?