ATS-05F-152-C2-R0
AI

The **ATS-05F-152-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series, designed for cooling electronic components like CPUs, GPUs, and other integrated circuits on a PCB.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Thermal Resistance** | 3.32°C/W (at 200 LFM) |
| **Attachment Method** | Push Pins (Plastic) with Springs |
| **Fin Style** | XCUT (Cross-cut) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design Characteristics
The part is engineered to provide efficient cooling in confined spaces through several distinct features:
* **XCUT Fin Design:** The fins are cut in both vertical and horizontal directions. This allows for multi-directional airflow, making it effective even if the air is not coming from a single fixed direction.
* **Push Pin Attachment:** It uses a spring-loaded push pin mechanism. This ensures consistent pressure on the component being cooled, which optimizes the thermal transfer from the chip to the heat sink.
* **Blue Anodized Finish:** Beyond aesthetics, the anodized coating provides surface protection and slightly increases emissivity for better radiative cooling.
* **Integrated TIM:** The inclusion of **T766** thermal material means the part is "drop-in" ready; no additional thermal paste needs to be applied during the assembly process.
---
### 3. Application Use Cases
This heat sink is typically found in:
1. **Networking Hardware:** Switches, routers, and modems.
2. **Industrial Controls:** Cooling processors in automation equipment.
3. **Power Supplies:** Managing heat for MOSFETs or power regulators.
4. **Embedded Systems:** Small form factor motherboards where vertical clearance is limited (25mm height).
---
- ⤷
How does the XCUT fin design compare to straight fin designs for airflow?
- ⤷ What is the importance of the 'T766' thermal interface material in this assembly?
- ⤷ Are there specific PCB hole patterns required for the push pin installation?