ATS-05F-164-C2-R0
AI

The **ATS-05F-164-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed specifically for thermal management in electronic components like CPUs, GPUs, and power transistors.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 33mm |
| **Thermal Resistance** | 2.41 °C/W (at 1.0 m/s airflow) |
| **Fin Type** | XC-CUT (Cross-cut) |
| **Pitch** | Fine Pitch |
---
### 2. Physical Design Components
The assembly consists of three primary electronic packaging elements:
* **Heat Sink Body:** A cross-cut (XC-CUT) aluminum block. The cross-cut design allows for multidirectional airflow, making it ideal for systems where air currents might be unpredictable or restricted.
* **Push-Pins:** These are plastic or metal pins that snap into pre-drilled holes in the PCB. They provide a constant force, ensuring consistent contact between the component and the heat sink.
* **Compression Springs:** Mounted on the pins, these springs ensure the correct amount of pressure (Force) is applied to prevent damage to the chip while maximizing heat transfer.
---
### 3. Electronic Application & Performance
Thermal management is critical in electronics to prevent **thermal throttling** or permanent hardware failure.
#### Thermal Performance Table
The efficiency of the ATS-05F-164-C2-R0 scales based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (m/s) | 1.0 (200 LFM) | 1.5 (300 LFM) | 2.0 (400 LFM) | 2.5 (500 LFM) |
| :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 2.41 | 1.38 | 1.20 | 1.09 |
#### Thermal Interface Material (TIM)
The "C2" in the part number indicates that this unit comes pre-applied with **ATS-PPS-11**, a high-performance thermal interface material. This ensures that the microscopic air gaps between the component (heat source) and the heat sink are filled, significantly reducing contact resistance.
---
### 4. Mounting Hardware
The product uses a **brass push-pin** system. Below is a summary of the mounting dimensions for PCB layout:
```text
- Pitch (Distance between holes): 38.0mm
- Pin Diameter: 3.0mm
- Pin Material: Brass/Plastic
- Recommended Hole Size: 3.2mm
```
---
- ⤷What is the difference between XC-CUT and straight fin heat sinks?
- ⤷ How do I calculate the required thermal resistance for my specific PCB component?
- ⤷ Are there alternative mounting options if my PCB does not have pre-drilled holes?