ATS-05F-196-C2-R0
AI

The **ATS-05F-196-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm |
| **Height (Off Base)** | 10mm |
| **Thermal Resistance** | 18.11°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Interface Material** | T766 (Thermal Grease) |
---
### 2. Key Components & Design Features
#### A. Fin Profile (Straight Fin)
The part utilizes a **straight-fin design**. This is ideal for applications where there is a consistent, directional airflow. The fins increase the surface area available for heat transfer between the metal and the surrounding air.
#### B. Push-Pin Mounting System
Instead of using adhesive tape which can degrade over time, the `R0` designation indicates a push-pin attachment system:
* **Compression Springs:** Provide precise vertical pressure to ensure maximum contact with the component.
* **Plastic/Brass Pins:** Designed to snap into pre-drilled holes on a PCB (Printed Circuit Board).
#### C. Thermal Interface Material (TIM)
The unit comes "pre-applied" with **T766 thermal grease**. This fills microscopic air gaps between the heat sink base and the electronic chip, significantly reducing thermal resistance.
#### D. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** Beyond aesthetics, the anodization protects the aluminum from corrosion and slightly improves radiant heat emission.
---
### 3. Thermal Performance Metrics
Thermal resistance (measured in °C/W) determines how effectively the part cools. Lower values represent better cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 18.11 |
| 300 (1.5 m/s) | 8.22 |
| 500 (2.5 m/s) | 6.35 |
| 700 (3.5 m/s) | 5.37 |
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Networking switches and routers.
* **Power Electronics:** Voltage regulators and high-speed memory modules.
- ⤷
What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How do I calculate if 18.11°C/W is sufficient for my specific chip?
- ⤷ Are there low-profile versions of the ATS-05F series?