ATS-05F-208-C2-R0
AI

The **ATS-05F-208-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 10.50°C/W (Unducted Flow @ 100 LFM) |
| **Weight** | ~40.5 Grams |
---
### 2. Physical Dimensions
Precision is critical for board layout and component clearance.
* **Length (A):** 70.00 mm
* **Width (B):** 70.00 mm
* **Height (C):** 6.00 mm (Ultra-low profile)
* **Pitch (E):** 63.00 mm (Distance between mounting holes)
---
### 3. Key Electronic/Mechanical Features
#### A. Fin Design (Cross-Cut)
The unit features a **straight fin** or **cross-cut** pattern. This increases the surface area for heat transfer while allowing multi-directional airflow, making it effective even if the cooling fan isn't perfectly aligned.
#### B. Push-Pin Mounting
Instead of using messy thermal adhesives or complex screws, this part uses a **push-pin and spring mechanism**.
* **Benefits:** Provides consistent pressure on the electronic component, which optimizes the **Thermal Interface Material (TIM)** performance.
* **Reliability:** The spring-loaded assembly prevents mechanical stress on the PCB during thermal expansion.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the part comes with **no pre-applied thermal tape** or specific custom requirements, allowing engineers to choose their own high-performance thermal paste or pads based on the specific power density of the chip.
---
### 4. Application Scenarios
This specific part is used in environments where vertical space is extremely limited:
1. **1U Rack Servers:** Where the low 6mm height is necessary for airflow clearance.
2. **Embedded Systems:** Industrial PCs where vibration resistance (via push-pins) is required.
3. **Telecommunications:** Cooling of ASICs and FPGAs on dense line cards.
---
- ⤷What is the difference between the C1 and C2 material suffixes for this series?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heatsink?
- ⤷ Can this heatsink be used with a 70mm fan directly mounted?