ATS-05F-33-C3-R0
AI

The **ATS-05F-33-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for cooling integrated circuits (ICs) like CPUs, GPUs, or BGA components.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal characteristics:
| Property | Value/Description |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic Pins with Springs) |
| **Thermal Resistance** | 17.50°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 35mm x 35mm |
| **Height (Height Off Base)** | 20mm |
| **Weight** | ~14 grams |
| **Thermal Interface Material (TIM)** | T412 (High performance) |
---
### 2. Design and Component Breakdown
#### **A. Fin Design (Straight Fin)**
The "33" in the part number indicates the specific fin pattern. This model uses a **straight fin** configuration, which is ideal for systems where airflow is predictable and flows in a single direction.
#### **B. Attachment Mechanism (pushPIN™)**
Instead of using messy adhesives or permanent solder, this part uses a mechanical fastening system:
* **Plastic Pins:** Inserted through pre-drilled holes in the PCB.
* **Springs:** Provide constant, uniform pressure (compression) on the chip to ensure maximum thermal transfer.
#### **C. Thermal Interface Material (T412)**
The base of the heat sink comes pre-applied with **T412 thermal grease**. This fills the microscopic air gaps between the chip surface and the aluminum base, significantly reducing thermal resistance.
---
### 3. Usage Context
This part is typically found in:
* **Telecommunications:** Cooling network switches or routers.
* **Embedded Systems:** Industrial PCs where space is limited but cooling is critical.
* **Power Supplies:** Heat dissipation for MOSFETs or voltage regulators.
---
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment?
- ⤷ How does the 'C3' designation in the part number affect thermal performance?
- ⤷ Can the T412 interface material be replaced with a different thermal pad?