ATS-05F-38-C3-R0
AI

The **ATS-05F-38-C3-R0** is a high-performance thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **pushPIN™** series, designed for secure and efficient cooling of electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded bolts) |
| **Dimensions (L x W)** | 36.83 mm x 36.83 mm |
| **Height** | 27.94 mm |
| **Pitch** | Fine Pitch (High density fins) |
| **Thermal Resistance** | 0.90°C/W (at 200 LFM) |
---
### 2. Key Component Features
#### A. Fin Design (Fine Pitch)
The "F" in the part number indicates a **Fine Pitch** fin pattern. This design maximizes the surface area within a small footprint, making it ideal for high-velocity airflow environments where heat needs to be dissipated rapidly.
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, this part uses a mechanical push-pin system:
* **Compression Springs:** Provide precise pressure to ensure optimal thermal interface material (TIM) contact.
* **Secure Mounting:** Prevents the heat sink from shifting due to vibration or thermal expansion.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Provides corrosion resistance and increases emissivity for better radiant heat transfer.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific configuration:
* **ATS:** Manufacturer (Advanced Thermal Solutions)
* **05:** Series/Style
* **F:** Fin Pitch (Fine)
* **38:** Dimension Code (Approx. 37-38mm)
* **C3:** Performance/Material combination
* **R0:** Revision code
---
### 4. Application Use Cases
This heat sink is typically found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Cooling MOSFETs or IGBTs in power supplies.
- ⤷
What are the compatible mounting hole patterns for this heat sink?
- ⤷ How does the thermal resistance change at different airflow (LFM) rates?
- ⤷ What type of Thermal Interface Material (TIM) is recommended for the ATS-05F series?