Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-05F-50-C3-R0

  • AI
    The **ATS-05F-50-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic packages. It is part of the *pushPIN™* series manufactured by Advanced Thermal Solutions (ATS). --- ### Technical Specifications The table below outlines the primary physical and thermal characteristics of this part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 19.22°C/W (Unducted Flow @ 100 LFM) | | **Dimensions (L x W)** | 30.00 mm x 30.00 mm | | **Height** | 15.00 mm | | **Pitch** | Fine Pitch | | **Pattern** | XC (Cross-Cut) | --- ### Key Electronic & Mechanical Features #### 1. Thermal Dissipation The "XC" or Cross-Cut design creates a grid of pins. This increases surface area and allows for multi-directional airflow, making it highly effective in compact electronic enclosures where air may not move in a single linear path. #### 2. PushPIN™ Attachment System Instead of using messy thermal adhesives or tapes, this part uses a mechanical push-pin system. * **Springs:** Provides consistent pressure (Pre-assembled with a brass spacer). * **Reliability:** Ensures the heatsink remains in contact with the component even during high vibration or shock. #### 3. Material Properties The use of **AL6063 aluminum** provides a balance between high thermal conductivity and structural integrity. The **Blue Anodized** finish is not just for aesthetics; it increases surface emissivity and provides corrosion resistance. --- ### Application Usage This part is commonly found in the following electronic applications: * **Network Switches/Routers:** Cooling high-speed processors. * **Power Supplies:** Managing heat in voltage regulators. * **Embedded Systems:** Protecting CPUs/GPUs in industrial computing. ---
    ✨ Follow-up Questions
    • ⤷ What is the hole pattern spacing for the pushPIN mounting on this model?
    • ⤷ How does 'Fine Pitch' compare to 'Coarse Pitch' in terms of cooling efficiency?
    • ⤷ Is a thermal interface material (TIM) pre-applied to this specific part number?