ATS-05F-52-C3-R0
AI

The **ATS-05F-52-C3-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" attachment series designed to provide efficient cooling for electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Fin Style** | Straight (Vertical) |
| **Attachment Type** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 1.15°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. Heat Sink Geometry
* **Fin Configuration:** It utilizes a **cross-cut** or high-density fin pattern which increases the surface area for heat dissipation.
* **Thermal Efficiency:** The 25mm height is optimized for systems with moderate vertical clearance while providing significant cooling capacity compared to low-profile sinks.
#### B. Attachment Mechanism (Push-Pin)
* The part uses a **Brass Push-Pin** with a **Compression Spring**.
* This provides a consistent, high-pressure contact between the heat sink and the electronic chip, ensuring minimal air gaps.
* The industry-standard hole pattern allows for easy installation on PCBs without the need for specialized tools.
#### C. Thermal Interface Material (TIM)
* The "C3" in the part number indicates it comes with **T766** thermal grease pre-applied to the base.
* This ensures optimal heat transfer from the component to the aluminum body immediately upon installation.
---
### 3. Application Use-Cases
This specific heat sink is typically used in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed networking processors.
2. **Industrial Controls:** Managing heat in power-dense modules.
3. **Embedded Systems:** Providing thermal relief for SOCs (System on Chips) in compact enclosures.
---
- ⤷
What are the specific PCB hole dimensions required for the ATS-05F-52-C3-R0?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766?